PART |
Description |
Maker |
PA3715 PA3711 PA3714 PA3717 PA3718 PA8105 PA8100 P |
High-grade, hardened steel frame offers superior performance and durability
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
567UVG010MFBJ 187UVG016MFBJ |
High temperature ?Very Low ESR ?High ripple current ?stable with temperature ?High frequency
|
Illinois Capacitor, Inc...
|
W0603HT-01-100R-G W0603HT-01-100R-J W1206HT-01-100 |
High Temperature TaNFilm㈢ Chip Resistors High Temperature TaNFilm垄莽 Chip Resistors High Temperature TaNFilm? Chip Resistors High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.1 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0805 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.0625 W, 5 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0603 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.125 W, 2 %, 100 ppm, 100 ohm, SURFACE MOUNT, 1206
|
Welwyn Components Limited TT Electronics / Welwyn Welwyn Components, Ltd. Welwyn Components Limit...
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SMM4FXXA-TR SMM4F28A SMM4F24A SMM4F20A SMM4F15A SM |
High junction temperature Transil?/a> High junction temperature Transil⑩
|
STMicroelectronics
|
EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL222 |
12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-SOIC Laser Diode Driver with Waveform Generator; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-TSSOP High Speed Operational Amplifier Dual, 500 MHz High Speed, Operational Amplifier
|
Elantec Semiconductor
|
T2035H07 T2035H-6I-TR T2050H-6I-TR T2050H-6G-TR T2 |
600 V, 20 A, SNUBBERLESS TRIAC High temperature 20 A Snubberless TRIACs High temperature 20 A Snubberless⑩ TRIACs
|
STMicroelectronics
|